Part Number Hot Search : 
BYD77CA BPC3506 4N30ST1 PE33964 55NF06 20100 LT6003 RB751
Product Description
Full Text Search
 

To Download KI8205A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
MOSFET
Dual N-Channel Enhancement Mode Field Effect Transistor KI8205A
TSSOP-8
Unit: mm
Features
n Small footprint due to small and thin package n Low drain-source ON resistance:
rDS(on) = 0.025 rDS(on) = 0.029
@ VGS = 4.5 V Max @ VGS = 2.5V Max
G2 S2 S2 D
G1 S1 S1 D
TSSOP-8
Absolute Maximum Ratings Ta = 25
Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Current Maximum Power Dissipation TA = 25 TA = 70 Thermal Resistance,Junction-to-Ambient Thermal Resistance,Junction-to-Case Jumction temperature and Storage temperature R R
JA JC
Symbol VDS VGS ID IDM PD
Rating 20 10 6.5 20 2.0 1.6 78 40 -55 to +150
Unit V V A A W W /W /W
Tj.Tstg
www.kexin.com.cn
1
SMD Type
KI8205A
Electrical Characteristics Ta = 25
Parameter Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage Gate Threshold Voltage Drain-Source On-State Resistance * On-State Drain Current * Forward Transconductance * Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Maximum Continuous Drain-Source Diode Forward Current Diode Forward Voltage * * Pulse test; pulse width 300 s, duty cycle Symbol VDSS IDSS IGSS VGS(th) rDS(on) ID(on) gfs Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf IS VSD 2 %. IS = 1.7 A, VGS = 0 V VDD = 10V ID = 1A , VGS = 4.5V , RG = 6 VDS = 10V , VGS = 4.5V , ID = 3A VDS = 10 V, VGS = 0 V,f = 1.0 MHz Testconditons VGS = 0 V, ID = 250 VDS = 20V , VGS = 0V VDS = 20V , VGS = 0V , TJ =55 VDS = 0V , VGS = 8V 0.5 A Min 20
MOSFET
Typ
Max
Unit V
1 5 100 1 1.5
uA nA V U A
VDS = VGS , ID = 250uA VGS = 4.5V , ID = 6.5A VGS = 2.5V , ID = 5.4A VDS = 5V , VGS = 4.5V VDS = 5V , ID =3A
0.020 0.025 0.018 0.029 15 11 700 175 85 7 1.2 1.9 8 10 18 5 16 18 29 10 1.3 0.65 1.2 10
S pF pF pF
nC
ns
A V
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of KI8205A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X